PART |
Description |
Maker |
IRF7601 IRF7601TR |
20V Single N-Channel HEXFET Power MOSFET in a Micro 8 package Power MOSFET(Vdss=20V, Rds(on)=0.035ohm) Power MOSFET(Vdss=20V/ Rds(on)=0.035ohm) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) N沟道HEXFET功率MOSFET的(不适用沟道的HEXFET功率马鞍山场效应管) N-Channel HEXFET Power MOSFET(N娌?? HEXFET ???MOS?烘?搴??)
|
International Rectifier, Corp.
|
IRFI644G IRFI644 IRFI644GPBF |
250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=250V Rds(on)=0.28ohm Id=7.9A) HEXFET? Power MOSFET Power MOSFET(Vdss=250V/ Rds(on)=0.28ohm/ Id=7.9A) Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=7.9A) 功率MOSFET(减振钢板基本\u003d 250V,的Rds(on)\u003d 0.28ohm,身份证\u003d 7.9A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFI740G IRFI740 IRFI740GPBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.4A) HEXFET? Power MOSFET Power MOSFET(Vdss=400V/ Rds(on)=0.55ohm/ Id=5.4A)
|
IRF[International Rectifier]
|
IRF3808L IRF3808S RF3808S |
75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package AUTOMOTIVE MOSFET Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A?) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A) Power MOSFET(Vdss=75V/ Rds(on)=0.007ohm/ Id=106A) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A 功率MOSFET(减振钢板基本\u003d 75V的,的Rdson)\u003d 0.007ohm,身份证\u003d 106A章?
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFI1010N IRFI1010 |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A) Power MOSFET(Vdss=55V Rds(on)=0.012ohm Id=49A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V/ Rds(on)=0.012ohm/ Id=49A)
|
IRF[International Rectifier]
|
IRFIZ24N IRFIZ24NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
|
IRF[International Rectifier]
|
IRFIZ34E IRFIZ34EPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
|
IRF[International Rectifier]
|
IRL530NLPBF IRL530NSPBF IRL530NPBF |
Adavanced Process Technology HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.10ヘ , ID=17A ) HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.10Ω , ID=17A )
|
International Rectifier
|
IRF6215LPBF IRF6215SPBF IRF6215RLPBF |
Advanced Process Technology HEXFET POWER MOSFET ( VDSS=-150V , RDS(on)=0.29ヘ , ID=-13A ) HEXFET POWER MOSFET ( VDSS=-150V , RDS(on)=0.29Ω , ID=-13A )
|
Vishay Siliconix International Rectifier
|
IRF640 IRF640PBF |
200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
|
IRF[International Rectifier]
|
IRF7726 IRF7726TR |
Ultra Low On-Resistance Power MOSFET(Vdss=-30V) HEXFET? Power MOSFET -30V Single P-Channel HEXFET Power MOSFET in a Micro 8 package
|
IRF[International Rectifier]
|
IRFR9210 IRFU9210 |
-200V Single P-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.9A) HEXFET? Power MOSFET
|
IRF[International Rectifier]
|